|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DG441/442 Vishay Siliconix Quad SPST CMOS Analog Switches FEATURES D D D D D D D D Low On-Resistance: 50 W Low Leakage: 80 pA Low Power Consumption: 0.2 mW Fast Switching Action--tON: 150 ns Low Charge Injection--Q: -1 pC DG201A/DG202 Upgrades TTL/CMOS-Compatible Logic Single Supply Capability BENEFITS D Less Signal Errors and Distortion D Reduced Power Supply Requirements D Faster Throughput D Improved Reliability D Reduced Pedestal Errors D Simplifies Retrofit D Simple Interfacing APPLICATIONS D D D D D D D D Audio Switching Battery Powered Systems Data Acquisition Hi-Rel Systems Sample-and-Hold Circuits Communication Systems Automatic Test Equipment Medical Instruments DESCRIPTION The DG441/442 monolithic quad analog switches are designed to provide high speed, low error switching of analog and audio signals. The DG441 has a normally closed function. The DG442 has a normally open function. Combining low on-resistance (50 W, typ.) with high speed (tON 150 ns, typ.), the DG441/442 are ideally suited for upgrading DG201A/202 sockets. Charge injection has been minimized on the drain for use in sample-and-hold circuits. To achieve high voltage ratings and superior switching performance, the DG441/442 are built on Vishay Siliconix's high-voltage silicon-gate process. An epitaxial layer prevents latchup. Each switch conducts equally well in both directions when on, and blocks input voltages to the supply levels when off. FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION D1 Key 3 IN1 D1 S1 V- GND S4 D4 IN4 1 2 3 4 5 Top View 6 7 8 11 10 9 S3 D3 IN3 16 15 14 13 12 IN2 D2 S2 GND Dual-In-Line and SOIC V+ NC S4 S1 V- NC 4 5 LCC 6 7 8 2 1 20 19 18 17 S2 V+ NC NC S3 IN1 NC IN2 D2 DG441 Top View 16 15 14 DG441 9 D4 10 IN4 11 NC 12 IN3 13 D3 TRUTH TABLE Logic 0 1 DG441 ON OFF Logic "0" v 0.8 V Logic "1" w 2.4 V DG442 OFF ON Document Number: 70053 S-20147--Rev. H, 11-Mar-02 www.vishay.com 1 DG441/442 Vishay Siliconix ORDERING INFORMATION Temp Range Package 16-Pin Plastic DIP -40 to 85_C _ 16-Pin Narrow SOIC Part Number DG441DJ DG442DJ DG441DY DG442DY DG441AK DG441AK/883 5962-9204101MEA 16-Pin CerDIP -55 to 125_C _ DG442AK DG442AK/883 5962-9204102MEA 5962-9204101M2A LCC-20 5962-9204102M2A ABSOLUTE MAXIMUM RATINGS V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 V GND to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 V Digital Inputsa VS, VD . . . . . . . . . . . . . . . . . . . . . . . . . . (V-) -2 V to (V+) +2 V or 30 mA, whichever occurs first Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 mA Current, S or D (Pulsed 1 ms, 10% duty cycle) . . . . . . . . . . . . . . . . . . 100 mA Storage Temperature (AK Suffix) . . . . . . . . . . . . . . . . . . -65 to 150_C (DJ, DY Suffix) . . . . . . . . . . . . . . -65 to 125_C Power Dissipation (Package)b 16-Pin Plastic DIPc . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450 mW 16-Pin CerDIPd . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 900 mW 16-Pin Narrow Body SOICd . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 900 mW LCC-20d . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1200 mW Notes: a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings. b. All leads welded or soldered to PC Board. c. Derate 6 mW/_C above 75_C d. Derate 12 mW/_C above 25_C SCHEMATIC DIAGRAM (TYPICAL CHANNEL) V+ 5 V Reg INX Level Shift/ Drive V- V+ GND V- FIGURE 1. www.vishay.com 2 Document Number: 70053 S-20147--Rev. H, 11-Mar-02 DG441/442 Vishay Siliconix SPECIFICATIONSa FOR DUAL SUPPLIES Test Conditions Unless Otherwise Specified Parameter Analog Switch Analog Signal Rangee Drain-Source On-Resistance On-Resistance Match Between Channelse VANALOG rDS(on) DrDS(on) IS(off) Switch Off Leakage Current Channel On Leakage Current ID(off) ID(on) V+ = 16.5, V- = -16.5 V VD = "15.5 V, VS = #15.5 V V+ = 16.5 V, V- = -16.5 V VS = VD = "15.5 V IS = -10 mA, VD = "8.5 V V+ = 13.5 V, V- = -13.5 V IS = -10 mA, VD = "10 V V+ = 15 V, V- = -15 V Full Room Full Room Full Room Full Room Full Room Full "0.01 "0.01 "0.08 -0.5 -20 -0.5 -20 -0.5 -40 50 -15 15 85 100 4 5 0.5 20 0.5 20 0.5 40 -0.5 -5 -0.5 -5 -0.5 -10 -15 15 85 100 4 5 0.5 5 0.5 5 0.5 10 nA V A Suffix -55 to 125_C D Suffix -40 to 85_C Symbol V+ = 15 V, V- = -15 V, VIN = 2.4 V, 0.8 Vf Tempb Typc Mind Maxd Mind Maxd Unit W Digital Control Input Current VIN Low Input Current VIN High IIL IIH VIN under test = 0.8 V, All Other = 2.4 V VIN under test = 2.4 V, All Other = 0.8 V Full Full -0.01 0.01 -500 -500 500 500 -500 -500 500 nA 500 Dynamic Characteristics Turn-On Time DG441 Turn-Off Time Charge Injectione DG442 tOFF Q OIRR XTALK CS(off) CD(off) CD(on) f = 1 MHz VANALOG = 0 V tON RL = 1 kW , CL = 35 pF W VS = "10 V, See Figure 2 CL = 1 nF, VS = 0 V Vgen = 0 V, Rgen = 0 W RL = 50 W , CL = 5 pF f = 1 MHz Room Room Room Room Room Room Room Room Room 150 90 110 -1 60 100 4 4 16 pF dB 250 120 210 250 120 210 pC ns Off Isolatione Crosstalke (Channel-to-Channel) Source Off Capacitancee Drain Off Capacitancee Channel On Capacitancee Power Supplies Positive Supply Current Negative Supply Current Ground Current I+ I- IGND V+ = 16.5 V, V- = -16.5 V VIN = 0 or 5 V Full Room Full Full 15 -0.000 1 -15 -1 -5 -100 100 -1 -5 -100 100 mA Document Number: 70053 S-20147--Rev. H, 11-Mar-02 www.vishay.com 3 DG441/442 Vishay Siliconix SPECIFICATIONSa FOR SINGLE SUPPLY Test Conditions Otherwise Unless Specified Parameter Analog Switch Analog Signal Rangee Drain-Source On-Resistance VANALOG rDS(on) IS = -10 mA, VD = 3 V, 8 V V+ = 10.8 V Full Room Full 100 0 12 160 200 0 12 160 200 V W A Suffix -55 to 125_C D Suffix -40 to 85_C Symbol V+ = 12 V, V- = 0 V, VIN = 2.4 V, 0.8 Vf Tempb Typc Mind Maxd Mind Maxd Unit Dynamic Characteristics Turn-On Time Turn-Off Time Charge Injection tON tOFF Q RL = 1 kW , CL = 35 pF VS = 8 V, See Figure 2 CL = 1 nF Vgen = 6 V, Rgen = 0 W Room Room Room 300 60 2 450 200 450 ns 200 pC Power Supplies Positive Supply Current Negative Supply Current Ground Current I+ I- IGND V+ = 13.2 V, V- = 0 V VIN = 0 or 5 V Full Room Full Full 15 -0.0001 -15 -1 -100 -100 100 -1 -100 -100 100 mA Notes: a. Refer to PROCESS OPTION FLOWCHART. b. Room = 25_C, Full = as determined by the operating temperature suffix. c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. e. Guaranteed by design, not subject to production test. f. VIN = input voltage to perform proper function. www.vishay.com 4 Document Number: 70053 S-20147--Rev. H, 11-Mar-02 DG441/442 Vishay Siliconix TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) rDS(on) vs. VD and Power Supply Voltage 100 r DS(on) Drain-Source On-Resistance (W ) - "5 V r DS(on) Drain-Source On-Resistance (W ) - 80 70 60 125_C 50 40 30 20 10 0 -15 -10 -5 0 5 10 15 20 -15 -10 -5 0 5 10 15 VD - Drain Voltage (V) VD - Drain Voltage (V) 0_C -40_C -55_C 85_C 25_C V+ = 15 V V- = -15 V rDS(on) vs. VD and Temperature 80 60 "8 V "10 V "12 V 40 "15 V "20 V 20 0 -20 rDS(on) vs. VD and Unipolar Power Supply Voltage 300 V- = 0 V r DS(on) Drain-Source On-Resistance (W ) - r DS(on) Drain-Source On-Resistance (W ) - 250 V+ = 5 V 200 120 100 80 60 40 20 0 0 4 8 12 16 20 0 140 rDS(on) vs. VD and Temperature (Single 12-V Supply) 125_C 85_C 25_C 150 8V 100 10 V 12 V 15 V 50 20 V 0 VD - Drain Voltage (V) -55_C 0_C -40_C V+ = 12 V V- = 0 V 2 4 6 8 10 12 VD - Drain Voltage (V) Crosstalk and Off Isolation vs. Frequency 140 120 100 20 Q (pC) (-dB) 80 60 Off Isolation 40 20 0 100 1k 10 k 100 k 1M 10 M V+ = 15 V V- = -15 V Ref. 10 dBm 10 0 -10 -20 -30 -10 50 40 Crosstalk 30 Charge Injection vs. Source Voltage CL = 1 nF V+ = 15 V V- = -15 V V+ = 12 V V- = 0 V -5 0 VS - Source Voltage (V) 5 10 f - Frequency (Hz) Document Number: 70053 S-20147--Rev. H, 11-Mar-02 www.vishay.com 5 DG441/442 Vishay Siliconix TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) Switching Threshold vs. Supply Voltage 2.4 20 IS(off) , ID(off) 0 1.6 I S, I D (pA) V IN (V) Source/Drain Leakage Currents -20 -40 ID(on) 0.8 -60 V+ = 15 V V- = -15 V For I(off), VD = -VS -10 -5 0 5 10 15 -80 0 0 "5 "10 "15 "20 -100 -15 V+, V- Positive and Negative Supplies (V) VD or VS - Drain or Source Voltage (V) Source/Drain Leakage Currents (Single 12-V Supply) 10 IS(off) , ID(off) 0 50 Operating Voltage V+ 44 40 5 V - CMOS Compatible S IN D I S, I D (pA) IS(on) + ID(on) -20 V+ = 12 V V- = 0 V For ID, VS = 0 For IS, VD = 0 20 -30 10 3 0 -40 0 2 4 6 8 10 12 VD or VS - Drain or Source Voltage (V) Switching Time vs. Power Supply Voltage 160 140 tON 120 300 t (ns) 400 500 t (ns) 100 80 tOFF 60 40 20 "10 200 100 tOFF 0 8 10 12 14 16 18 20 22 VS - Source Voltage (V) Document Number: 70053 S-20147--Rev. H, 11-Mar-02 "12 "14 "16 "18 "20 "22 Supply Voltage (V) www.vishay.com 6 CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC CCCCCC TTL Compatible VIN = 0.8 V, 2.4 V 0 -10 -20 V- = 0 V tON -10 V+ (V) 30 V- CMOS Compatible -30 -40 -50 V- - Negative Supply (V) Switching Time vs. Power Supply Voltage DG441/442 Vishay Siliconix TEST CIRCUITS +15 V Logic Input D RL 1 kW 3V 50% 0V VO CL 35 pF Switch Input VS VO 80% tOFF 80% 50% tr <20 ns tf <20 ns V+ "10 V 3V GND V- S IN -15 V CL (includes fixture and stray capacitance) +15 V Switch Output Note: 0V tON Logic input waveform is inverted for DG442. FIGURE 2. Switching Time DV O Rg V+ S IN D CL 1 nF V- VO VO INX OFF ON OFF (DG441) OFF ON Q = DVO x CL OFF 3V GND INX -15 V (DG442) FIGURE 3. Charge Injection +15 V C V+ VS Rg = 50 W 0V, 2.4 V NC 0V, 2.4 V S2 IN2 GND V- C D2 VO RL S1 IN1 D1 V+ C = 1 mF tantalum in parallel with 0.01 mF ceramic +15 V C 50 W VS Rg = 50 W 0V, 2.4 V S D VO IN GND V- C RL -15 V VS VO -15 V XTALK Isolation = 20 log C = RF bypass VS VO Off Isolation = 20 log FIGURE 4. Crosstalk FIGURE 5. Off Isolation +15 V C V+ S Meter 0 V, 2.4 V IN D GND V- C HP4192A Impedance Analyzer or Equivalent -15 V FIGURE 6. Source/Drain Capacitances Document Number: 70053 S-20147--Rev. H, 11-Mar-02 www.vishay.com 7 DG441/442 Vishay Siliconix APPLICATIONS +24 V +15 V RL DG442 +15 V IN V+ 150 W I = 3A VN0300L, M +15 V VIN 10 kW + +15 V - S 1/4 DG442 D CH + - VOUT GND V- IN 0 = Load Off 1 = Load On -15 V H = Sample L = Hold FIGURE 7. Power MOSFET Driver FIGURE 8. Open Loop Sample-and-Hold VIN + - +15 V V+ VOUT Gain error is determined only by the resistor tolerance. Op amp offset and CMRR will limit accuracy of circuit. GAIN1 AV = 1 R1 90 kW With SW4 Closed VOUT VIN = R1 + R2 + R3 + R4 R4 = 100 GAIN2 AV = 10 R2 5 kW GAIN3 AV = 20 GAIN4 AV = 100 R3 4 kW R4 1 kW DG441 or DG442 V- GND -15 V FIGURE 9. Precision-Weighted Resistor Programmable-Gain Amplifier www.vishay.com 8 Document Number: 70053 S-20147--Rev. H, 11-Mar-02 Legal Disclaimer Notice Vishay Notice Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale. Document Number: 91000 Revision: 08-Apr-05 www.vishay.com 1 |
Price & Availability of 5962-9204101M2A |